Part Number Hot Search : 
FJB102 AP01N60H P6SMBJ40 TSPC106 S2731E MBR8100 11400 SRN5519
Product Description
Full Text Search
 

To Download MRF1150MB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR TECHNICAL DATA
Order this document by MRF1150MB/D
The RF Line
Microwave Pulse Power Transistor
Designed for Class B and C common base amplifier applications in short pulse TACAN, IFF, and DME transmitters. * Guaranteed Performance @ 1090 MHz, 50 Vdc Output Power = 150 Watts Peak Minimum Gain = 7.8 dB * 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR * Industry Standard Package * Nitride Passivated * Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal Migration * Internal Input Matching for Broadband Operation
MRF1150MB
150 W PEAK, 960-1215 MHz MICROWAVE POWER TRANSISTOR NPN SILICON
MAXIMUM RATINGS
Rating Collector-Base Voltage Emitter-Base Voltage Collector Current -- Peak (1) Total Device Dissipation @ TC = 25C (1) (2) Derate above 25C Storage Temperature Range Symbol VCBO VEBO IC PD Tstg Value 70 4.0 12 583 3.33 -65 to +150 Unit Vdc Vdc Adc Watts W/C C
CASE 332A-03, STYLE 1
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case (3) Symbol RJC Max 0.3 Unit C/W
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = 50 mAdc, VBE = 0) Collector-Base Breakdown Voltage (IC = 50 mAdc, IE = 0) Emitter-Base Breakdown Voltage (IE = 5.0 mAdc, IC = 0) Collector Cutoff Current (VCB = 50 Vdc, IE = 0) V(BR)CES V(BR)CBO V(BR)EBO ICBO 70 70 4.0 -- -- -- -- -- -- -- -- 10 Vdc Vdc Vdc mAdc
ON CHARACTERISTICS
DC Current Gain (4) (IC = 5.0 Adc, VCE = 5.0 Vdc) hFE 10 30 -- --
NOTES: (continued) 1. Pulse Width = 10 s, Duty Cycle = 1%. 2. This device is designed for RF operation. The total device dissipation rating applies only when the device is operated as an RF amplifier. 3. Thermal Resistance is determined under specified RF operating conditions by infrared measurement techniques. 4. 80 s Pulse on Tektronix 576 or equivalent.
REV 0
1
ELECTRICAL CHARACTERISTICS -- continued (TC = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
DYNAMIC CHARACTERISTICS
Output Capacitance (VCB = 50 Vdc, IE = 0, f = 1.0 MHz) Cob -- 25 32 pF
FUNCTIONAL TESTS (Pulse Width = 10 s, Duty Cycle = 1.0%)
Common-Base Amplifier Power Gain (VCC = 50 Vdc, Pout = 150 W pk, f = 1090 MHz) Collector Efficiency (VCC = 50 Vdc, Pout = 150 W pk, f = 1090 MHz) Load Mismatch (VCC = 50 Vdc, Pout = 150 W pk, f = 1090 MHz, VSWR = 10:1 All Phase Angles) GPB No Degradation in Power Output 7.8 35 9.8 40 -- -- dB %
+ C2 L1 L2 C3 C4 + -
VCC = 50 Vdc
RF INPUT Z1 Z2 Z3 Z4 Z5
DUT Z6 Z7 Z8 Z9
C2
RF OUTPUT Z10
C1, C2 -- 220 pF Chip Capacitor, 100-mil ATC C3 -- 0.1 F/100 V C4 -- 47 F/75 V Electrolytic L1, L2 -- 3 Turns #18 AWG, 1/8 ID Z1-Z10 -- Distributed Microstrip Elements -- See Photomaster Board Material -- 0.031 Thick Teflon-Fiberglass, r = 2.5
Figure 1. 1090 MHz Test Circuit
200 Pout , OUTPUT POWER (WATTS pk) f = 960 MHz 150 1090 MHz 100 1215 MHz Pout , OUTPUT POWER (WATTS pk)
200
Pin = 20 W pk 17.5 W pk
150
100
15 W pk 12.5 W pk
50
VCC = 50 V tp = 10 s D = 1% 20 25
50
VCC = 50 V tp = 10 s D = 1% 960 1090 f, FREQUENCY (MHz)
10 W pk 1215
0
0
5
10 15 Pin, INPUT POWER (WATTS pk)
0
Figure 2. Output Power versus Input Power
REV 0
Figure 3. Output Power versus Frequency
2
200 Pout , OUTPUT POWER (WATTS pk) f = 1090 MHz tp = 10 s D = 1% Pin = 20 W pk 17.5 W pk 15 W pk 100 12.5 W pk 10 W pk 20
14 12 10 8 6 4 Po = 150 W pk VCC = 50 V tp = 10 s D = 1%
50
0
5
10
20 30 15 25 35 VCC, SUPPLY VOLTAGE (VOLTS)
40
45
50
G PB , POWER GAIN (dB)
150
960
1090 f, FREQUENCY (MHz)
1215
Figure 4. Output Power versus Supply Voltage
Figure 5. Power Gain versus Frequency
0
f = 960 MHz ZOL*
5.0
5.0
1215 Zin 1215 1090
10
Pout = 150 W pk VCC = 50 V tp = 10 s D = 1% f MHz 15 960 1090 1215 Zin Ohms 1.5 + j9.6 5.0 + j7.5 2.4 + j5.6 ZOL* Ohms 2.6 + j4.1 2.7 + j4.6 2.8 + j5.3
f = 960 MHz
1090
10
ZOL* = Conjugate of the optimum load ZOL* = impedance into which the device ZOL* = output operates at a given output ZOL* = power, voltage, and frequency.
15
Figure 6. Series Equivalent Input/Output Impedance
Pout = 150 W pk VCC = 50 V tp = 10 s D = 1%
SCALE 2 s/DIV
Figure 7. Typical Pulse Performance
REV 0
3
PACKAGE DIMENSIONS
F
4 1 2 3
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A C D F H J K INCHES MIN MAX 0.270 0.290 0.115 0.135 0.195 0.205 0.095 0.105 0.050 0.070 0.003 0.007 0.600 --BASE EMITTER BASE COLLECTOR MILLIMETERS MIN MAX 6.86 7.36 2.93 3.42 4.96 5.20 2.42 2.66 1.27 1.77 0.08 0.17 15.24 ---
K
D
H
SEATING PLANE
A
J C
STYLE 1: PIN 1. 2. 3. 4.
CASE 332A-03 ISSUE D
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
REV 0
4


▲Up To Search▲   

 
Price & Availability of MRF1150MB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X